PART |
Description |
Maker |
EW750-100-FB EW750-100-GB EW750-100-JB EW750-100-K |
HIGH POWER EDGEWOUND RESISTORS TUBULAR, 75 WATT to 2000 WATT
|
RCD COMPONENTS INC.
|
MJE800T MJE800 MJE702 MJE703 MJE803 MJE700T MJE700 |
From old datasheet system 4.0 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 40 WATT 50 WATT
|
Motorola, Inc. ONSEMI[ON Semiconductor] MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc]
|
TDA7492P TDA7492P13TR |
25-watt 25-watt dual BTL class-D audio amplifier
|
STMicroelectronics
|
MPF2S-100-D MPF2S-100-F MPF2S-100-G MPF2S-100-J MP |
ECONOMICAL 1 WATT TO 3 WATT POWER FILM MELF RESISTORS
|
RCD COMPONENTS INC.
|
RW3FF-100-GB RW3FF-100-GT RW3FF-100-JB RW3FF-100-J |
ECONOMY WIREWOUND RESISTORS 1 WATT to 10 WATT
|
http:// RCD COMPONENTS INC.
|
FR1ER-1000-BB FR1ER-1000-BT FR1ER-1000-CB FR1P-100 |
FAILSAFE FUSE RESISTORS 1/2 WATT to 50 WATT
|
RCD COMPONENTS INC.
|
ADR3410 |
50 ?High Linearity 1 Watt Amplifier 50 蟹 High Linearity 1 Watt Amplifier 50 з High Linearity 1 Watt Amplifier The ADR3410 is a high performance, single-stage InGaP HBT amplifier designed for use in wireless infrastructure systems as a highly ...
|
ANADIGICS[ANADIGICS, Inc] Anadigics Inc
|
SR90-108-KBW SR90-105-FBW SR90-104-KBW SR90-105-GB |
HIGH POWER & HIGH VOLTAGE RESISTORS 2 WATT to 250 WATT, 15KV to 300KV
|
RCD COMPONENTS INC. http://
|
TML15212 TML05112 TML15105 TML15124 TML05205 TML10 |
Encapsulated Power Supply 15 Watt, input voltage range: 85-264V, output voltage /-12V ( /-650mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage 5/ /-15V (2000/ /-150mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage 12V (2500mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage 15V (2000mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage /-5V ( /-3000mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage 15V (1000mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage /-5V ( /-1500mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage 12V (1250mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage /-12V ( /-1300mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage 24V (1250mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage 5V (6000mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage 3.3V (6000mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage 5/ /-12V (2000/ /-200mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage /-15V ( /-500mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage 24V (625mA), encapsulated power supply
|
TRACOPOWER[TRACO Electronic AG] TRACO[Traco Electronic AG]
|
1.5KE 1.5KE91CA 1.5KE100A 1.5KE100CA 1.5KE10A 1.5K |
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 TO 440 Volts 1500 watt Peak Power / 6.5 Watt Steady State
|
DBLECTRO[DB Lectro Inc] http://
|
3EZXXD5G 3EZ6.2D5RLG 3EZXXD5RLG |
3 Watt DO-41 Surmetic 30 Zener Voltage Regulators 3 Watt DO-41 Surmetic?/a> 30 Zener Voltage Regulators 3 W Zener Regulator 6.2 V SUR30; Package: Axial Lead 5.20x2.70mm, 25.4x0.71mm Pkg, Lead len/dia; No of Pins: 2; Container: Tape and Reel; Qty per Container: 6000 6.2 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 3 Watt DO-41 Surmetic?/a> 30 Zener Voltage Regulators
|
ON Semiconductor
|